Part Number Hot Search : 
00090 CES2307 MAX9589 25RIA120 7166AST TFS868B 35080 35230004
Product Description
Full Text Search
 

To Download NREWB820M450V18X315 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
NRE-WB SERIES HIGH VOLTAGE, RADIAL LEADS, EXTENDED TEMPERATURE FEATURES * HIGH VOLTAGE (UP THROUGH 450VDC) * NEW REDUCED SIZES * +105OC EXTENDED TEMPERATURE AND LOAD LIFE includes all homogeneous materials *See Part Number System for Details CHARACTERISTICS
NRE-WB Series
RoHS Compliant
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance
200 ~ 450VDC 10 ~ 220F -25C ~ +105C 20% (M) W.V. S.V. Tan Z-25C/Z+20C
Maximum Leakage Current @ 20C Max. Tan @ 120Hz/20C Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test at Rated W.V. +105C 8,000 Hours: 10 +105C 10,000 Hours: 12.5 & up Shelf Life Test +105C 1,000 Hours with no load
0.03CV +10A after 2 minutes 200 250 350 250 300 400 0.15 0.15 0.20 3 3 4
400 450 0.24 6
450 500 0.24 6
Capacitance Change Tan Leakage Current
Within 20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value
Shall meet same requirements as in load life test
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 100KHz AND 105OC)
Cap. (F) 10 22 33 68 82 220 200 600 650 2000 Working Voltage (Vdc) 250 350 400 300 560 710 900 1000 1100 450 350 680 850 -
MAXIMUM ESR ( AT 100KHz AND 20OC)
Cap. (F) 10 22 33 68 82 220 200 11.31 7.54 1.13 Working Voltage (Vdc) 250 350 400 450 39.81 39.81 11.31 18.09 7.54 12.06 12.06 3.66 4.05 -
RIPPLE CURRENT FREQUECY CORRECTION FACTOR
Cap. Value <100F >100F 50 0.30 0.35 Frequency (Hz) 120 1K 10K 0.40 0.70 0.90 0.45 0.75 0.90 100K 1.0 1.0
STANDARD PRODUCT AND CASE SIZE D x L (mm)
Cap. (F) Code 10 22 33 68 82 220 100 220 330 680 820 221 Working Voltage (Vdc) 200 250 350 400 10x20 10x20 10x20 10x20 12.5x20 16x20 16x20 18x25 18x31.5 450 12.5x20 16x20 18x25 -
PART NUMBERING SYSTEM NREWB 100 M 400V 10X20 F .
RoHS Compliant Case Size (D x L) (D Working Voltage (Vdc) Tolerance Code (M=20%) Capacitance Code: First 2 characters significant, third character is multiplier
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D) Lead Dia. (d) Lead Spacing (F) Dim 10 0.6 5.0 0.5 12.5 0.6 5.0 0.5 16 0.8 7.5 0.5 18 0.8 7.5 0.5
= L < 20mm = 1.5mm, L > 20mm = 2.0mm
Polarity Marking Insulation Sleeve d 0.05
Series
F 0.5
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
L + max.
15mm Min.
4mm Min.
D
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
81


▲Up To Search▲   

 
Price & Availability of NREWB820M450V18X315

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X